Part Number Hot Search : 
LC737212 STK7561 SK2139 2SB1016A 118ABP 2SB11 16222 240A1
Product Description
Full Text Search
 

To Download IRF9Z24L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IRF9Z24L power mosfet the to-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. the low thermal resistance and low package cost of the to-220 contribute to its wide acceptance throughout the industry. parameter max. units i d @ t c = 25c continuous drain current, v gs @ -10v -12 i d @ t c = 100c continuous drain current, v gs @ -10v -8.5 a i dm pulsed drain current ? -48 p d @t c = 25c power dissipation 45 w linear derating factor 0.30 w/c v gs gate-to-source voltage 20 v e as single pulse avalanche energy ? 96 mj i ar avalanche current ? -7.2 a e ar repetitive avalanche energy ? 4.5 mj dv/dt peak diode recovery dv/dt ? -5.0 v/ns t j operating junction and -55 to + 175 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c mounting torque, 6-32 or m3 screw 10 lbf?in (1.1n?m) absolute maximum ratings parameter typ. max. units r q jc junction-to-case CCC 3.3 r q cs case-to-sink, flat, greased surface 0.50 CCC c/w r q ja junction-to-ambient CCC 62 thermal resistance v dss = -55v r ds(on) = 0.175 w i d = -12a t o-220ab l advanced process technology l dynamic dv/dt rating l 175c operating temperature l fast switching l p-channel l fully avalanche rated description s d g 2014-8-9 1 www.kesemi.com
parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) CCC CCC showing the i sm pulsed source current integral reverse (body diode) ? CCC CCC p-n junction diode. v sd diode forward voltage CCC CCC -1.6 v t j = 25c, i s = -7.2a, v gs = 0v ? t rr reverse recovery time CCC 47 71 ns t j = 25c, i f = -7.2a q rr reverse recoverycharge CCC 84 130 c di/dt = -100a/s ? t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage -55 CCC CCC v v gs = 0v, i d = -250a d v (br)dss / d t j breakdown voltage temp. coefficient CCC -0.05 CCC v/c reference to 25c, i d = -1ma r ds(on) static drain-to-source on-resistance CCC CCC 0.175 w v gs = -10v, i d = -7.2a ? v gs(th) gate threshold voltage -2.0 CCC -4.0 v v ds = v gs , i d = -250a g fs forward transconductance 2.5 CCC CCC s v ds = -25v , i d = -7.2a CCC CCC -25 a v ds = -55v , v gs = 0v C CC CCC -250 v ds = -44v , v gs = 0v, t j = 150c gate-to-source forward leakage CCC CCC 100 v gs = 20v gate-to-source reverse leakage CCC CCC -100 na v gs = -20v q g total gate charge CCC CCC 19 i d = -7.2a q gs gate-to-source charge CCC CCC 5.1 nc v ds = -44v q gd gate-to-drain ("miller") charge CCC CCC 10 v gs = -10v, see fig. 6 and 13 ? t d(on) turn-on delay time CCC 13 CCC v dd = -28v t r rise time CCC 55 CCC i d = -7.2a t d(off) turn-off delay time CCC 23 CCC r g = 24 w t f fall time CCC 37 CCC r d = 3.7 w, see fig. 10 ? between lead, CCC CCC 6mm (0.25in.) from package and center of die contact c iss input capacitance CCC 350 CCC v gs = 0v c oss output capacitance CCC 170 CCC pf v ds = -25v c rss reverse transfer capacitance CCC 92 CCC ? = 1.0mhz, see fig. 5 nh electrical characteristics @ t j = 25c (unless otherwise specified) l d internal drain inductance l s internal source inductance CCC CCC i gss ns 4.5 7.5 i dss drain-to-source leakage current ? repetitive rating; pulse width limited by max. junction temperature. ( see fig. 11 ) ? i sd -7.2a, di/dt -280a/s, v dd v (br)dss , t j 175c notes: ? starting t j = 25c, l = 3.7mh r g = 25 w , i as = -7.2a. (see figure 12) ? pulse width 300s; duty cycle 2%. s d g source-drain ratings and characteristics a s d g -12 -48 IRF9Z24L 2014-8-9 2 www.kesemi.com
fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics, fig 1. typical output characteristics, fig 3. typical transfer characteristics 1 10 100 0.1 1 1 0 100 d ds 20 s pulse width t = 25c a - i , drain-to-s ource current (a) - v , drain-to-source voltage (v) vg s top - 15v - 10v - 8.0v - 7.0v - 6.0v - 5.5v - 5.0v bo tt om - 4. 5v -4 . 5v c 1 10 100 0.1 1 1 0 100 d ds a - i , drain-to-source current (a) - v , drain-to-source voltage (v) vg s top - 15v - 10v - 8.0v - 7.0v - 6.0v - 5.5v - 5.0v bo tt om - 4. 5v -4 . 5v 2 0s pulse width t = 175c c 1 10 100 456789 1 0 t = 25c j gs d a - i , dra in-to-so urc e c urre nt (a ) - v , ga te-to-so urce voltage (v) v = -2 5 v 20s pulse w idth ds t = 175c j 0.0 0.5 1.0 1.5 2.0 - 6 0 -40 -20 0 20 40 60 80 100 120 140 160 180 j t , junction temperature (c) r , drain -to -s ource o n re sistan ce d s (on) ( n orm alized) a v = -10 v gs i = -12 a d j j IRF9Z24L 2014-8-9 3 www.kesemi.com
fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 0 4 8 12 16 20 0 5 10 15 20 25 g gs a - v , gate-to-s ource v oltage (v ) q , to tal gate charge (nc) f o r test circuit see figure 13 i = -7.2 a v = -4 4v v = -2 8v d ds ds 0.1 1 10 100 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 t = 25c t = 150c j j v = 0 v gs sd sd a -i , r everse d rain current (a) - v , source-to-drain voltage (v) 1 10 100 1 10 100 o per ation in this area limited by r ds ( on) 10m s a - i , drain c urre nt (a) -v , drain-to-source voltage (v) ds d 10s 100 s 1m s t = 2 5c t = 1 75c single pulse c j 0 100 200 300 400 500 600 700 1 10 100 c , capacitance (pf) ds v , drain-to-source voltage (v) a v = 0v , f = 1mh z c = c + c , c shorted c = c c = c + c gs i s s gs gd ds rss gd oss ds gd c is s c os s c rs s IRF9Z24L 2014-8-9 4 www.kesemi.com
fig 10a. switching time test circuit fig 10b. switching time waveforms fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature v ds -10v pulse width 1 s duty factor 0.1 % r d v gs v dd r g d.u.t. + - v ds 90% 10% v gs t d(on) t r t d( off) t f 0 3 6 9 12 25 50 75 100 125 150 175 c t , c ase temperature (c) a - i , d rain current (am ps) d 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 t , rectangular pulse duration (sec) 1 th jc d = 0.50 0. 01 0. 02 0. 05 0. 10 0. 20 s in g le p u l s e (thermal response) a t hermal r esponse (z ) p t 2 1 t dm n otes: 1. d uty factor d = t / t 2. peak t = p x z + t 12 j dm thjc c IRF9Z24L 2014-8-9 5 www.kesemi.com
fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12c. maximum avalanche energy vs. drain current q g q gs q gd v g charge -10v d.u.t . v ds i d i g -3 ma v gs .3 m f 50k w .2 m f 12v cur rent regulator same type as d.u.t. current sampling resistors + - fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as r g i as 0. 01 w t p d. u.t l v ds v dd dri ver a 15v - 20v 0 50 100 150 200 250 25 50 75 100 125 150 175 j e , s ingle pulse avalanche e nergy (m j) as a s tarting t , junction temperature (c) i to p -2.9a -5.1 a b otto m -7.2 a d IRF9Z24L 2014-8-9 6 www.kesemi.com
IRF9Z24L peak diode recovery dv/dt test circuit p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t . i sd w aveform d.u.t . v ds w aveform inductor curent d = p. w . period + - + + + - - - ? ? ? r g v dd dv/dt controlled by r g i sd controlled by duty factor "d" d.u.t. - device under test d.u.t * circuit layout considerations low stray inductance ground plane low leakage inductance current transformer ? * reverse polarity of d.u.t for p-channel v gs [ ] [ ] *** v gs = 5.0v for logic level and 3v drive devices [ ] *** fig 14. for p-channel hexfets 2014-8-9 7 www.kesemi.com
l ead assignments 1 - g a te 2 - d r ain 3 - source 4 - d r ain - b - 1.32 (.052) 1.22 (.048) 3x 0.5 5 (.02 2) 0.4 6 (.01 8) 2.92 (.115) 2.64 (.104) 4.69 (.185) 4.20 (.165) 3x 0. 93 (.037) 0.69 (.027) 4.0 6 (.16 0) 3.5 5 (.14 0) 1.15 (.0 4 5) m in 6.4 7 (.25 5) 6.1 0 (.24 0) 3.78 (.14 9) 3.54 (.13 9) - a - 1 0.5 4 (.41 5) 1 0.2 9 (.40 5) 2.87 (.113) 2.62 (.103) 15.24 (.600) 14.84 (.584) 14.09 (.555) 13.47 (.530) 3x 1.40 (.055) 1.15 (.045) 2.54 (.100) 2x 0 .3 6 (.01 4) m b a m 4 1 2 3 notes: 1 d im e n s io n in g & to l er an c in g p er a n s i y 14 .5 m , 1 98 2. 3 o u tl in e c o n fo r m s to je d e c ou t lin e to -2 20 a b. 2 contr olling d imension : inch 4 heatsin k & lead m easurements d o not include bu rrs. par t number international rectifier lo go e xample : this is an irf1010 w ith assembly lo t co de 9b1m assembly lo t co de date code (yyww) yy = year ww = week 9246 irf1010 9b 1m a part marking information to-220ab package outline to-220ab outline dimensions are shown in millimeters (inches) part number international rectifier lo go example : this is an irf1010 w ith assembly lo t co de 9b1m assembly lo t co de date code (yyww) yy = year ww = week 9246 irf1010 9b 1m a IRF9Z24L 2014-8-9 8 www.kesemi.com


▲Up To Search▲   

 
Price & Availability of IRF9Z24L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X